Part Number Hot Search : 
2SB628 PSMN1R F1001 12000 G2319 SH7055SF 1812F CY7C15
Product Description
Full Text Search
 

To Download IN914 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
HIGH SPEED SILICON SWITCHING DIODE
IN914, B IN916 250mW DO- 35 Glass Axial Package
FEATURES
Intended for General Purpose Application. ABSOLUTE MAXIMUM RATINGS (Ta=25C unless specified otherwise) DESCRIPTION SYMBOL VR Reverses Voltage ( Continuous) VRRM Repetitive Peak Reverse Voltage Average Forward Current TA =25C IF (AV) IF (AV) TA =150C IF Forward Current (D.C.) IFRM Repetitive Peak Forward Current Non Repetitive Peak Surge Current IFSM tp=1sec Ptot Power Dissipation Tstg Storage Temperature Tamb Operating ambient Temperature ELECTRICAL CHARACTERISTICS (Ta=25C unless specified otherwise) DESCRIPTION SYMBOL TEST CONDITION VF Forward Voltage IF=10 IN914/916 IF=100mA, 1N914B IF=5mA, Reverse Breakdown Voltage Reverse Current V(BR)R IR IR=100A VR= 20V VR= 75V VR= 20V, Tj=150C
VALUE 75 100 75 10 75 225 500 250 -65 to +200 -65 to +175
UNIT V V mA mA mA mA mA mW C C
MIN
TYP
MAX 1.0 1.0 0.72
UNIT V V V V n A
0.62 100
25 5
Diode Capacitance Reverse Recovery Time
Cd trr
VR=0, f=1MHz IF=10mA to IR=10mA RL=100 Measured at IR=1mA IF=10mA to IR=60mA RL=100 Measured at IR=1mA
2.5 8
pF ns
4
ns
IN914, B IN916 250mW DO- 35 Glass Axial Package DO-35 Glass Axial Package
A B A DIM A C D B NOTES 1. Cathode is marked by Band. 2. All dimensions are in mm. C D MIN 25.40 3.03 0.46 1.52 MAX -- 4.44 0.56 2.29
DO-35, 52mm Taping Specification
1.05 MAX.
1.5 R MAX.
5.50 4.50
52 mm Taping Specification 1. T & A indicates Axial Tape & Ammo packing (52 mm Tape Spacing). 2. 300 mm (min) leader tape on every spool. 3. No. of empty places allowed 0.25% without consecutive empty places. 4. Ends of leads shall preferably not protrude beyond the tapes. 5. Components shall be held sufficiently in the tape or tapes so that they can not come free in normal handling.
LEADER
CENTRE LINE 1.05
54.00 50.00
6.0 5.0
52.0 11 DIODES 48.0 All dimensions in mm.
ED FE
6. 0 1. 0 52 2 .0 .0
6 .0 1. 0
TAPES
85.0 mm
LABEL
255
.0 m
m
73
.5 m
m
DO-35:- 5000 pcs./Ammo Pack DIODE AMMO PACK
st also available in 26 mm Tape and Ammo Pack
Packing Detail
PACKAGE DO-35 T&A STANDARD PACK Details Net Weight/Qty 5K/ammo box 0.88 kg/5K pcs INNER CARTON BOX Size Qty 10" x 3.5" x 3.5" 5K Size OUTER CARTON BOX Qty Gr Wt 125K 25 kgs 12.7" x 12.7" x 20"


▲Up To Search▲   

 
Price & Availability of IN914

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X